PART |
Description |
Maker |
STR910FAW32 STR912FAZ42 STR912FAW42 STR910FAZ32 ST |
ARM966E-S16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E -虏⑩16/32位闪存微控制器与以太网,USB,加拿大,交流电机控制,4个定时器,模数转换器,RTC和DMA ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
|
意法半导 STMicroelectronics N.V.
|
ST72141K2-AUTO |
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
|
STMicroelectronics
|
ST7FMC1N2B3 ST7PMC1N2B3 ST7PMC1N2B6 ST7FMC1K2B6 ST |
8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI??/a> 8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?/a>
|
STMicroelectronics
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
STR910F STR911F STR912F |
ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA(带Ethernet, USB, CAN, AC电动机控 4个定时器, ADC, RTC, DMA ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA(带CAN,USB,9xDMA,内部FLASH和RAM的ARM9E)
|
意法半导
|
STR910FM32X6T STR910FM42X6T STR910FM44X6T STR910FW |
ARM966E-S 16/32-BIT FLASH MCU WITH ETHERNET, USB, CAN, AC MOTOR CONTROL, 4 TIMERS, ADC, RTC, DMA
|
STMICROELECTRONICS[STMicroelectronics]
|
STEVAL-IHM036V1 |
Low power motor control board featuring the SLLIMM™ STGIPN3H60 and MCU STM32F100C6T6B Low power motor control board featuring the SLLIMM STGIPN3H60 and MCU STM32F100C6T6B
|
ST Microelectronics STMicroelectronics
|
AN863 |
ST6 - IMPROVED SENSORLESS CONTROL WITH THE ST62 MCU FOR UNIVERSAL MOTOR
|
SGS Thomson Microelectronics
|
STR91XF07 STR912FW44X6 STR912FM42X6T -STR910FM44X6 |
ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E - 商标16/32位闪存微控制器与以太网,USB,加拿大,交流电机控制,4个定时器,模数转换器,RTC和DMA
|
意法半导 STMicroelectronics N.V.
|
STM32F103VDH6 STM32F103VDH6TR STM32F103ZDH6 STM32F |
Mainstream Performance line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics
|
PTE5100D1A PTE5015D1A |
Sensorless control object code license for AC permanent magnet motor Complete AC servo motor control IC one-chip solution for complete closed loop current control and velocity control for a high performance servo drive system. DIFFERENZDRUCKSENSOR
|
Sony, Corp.
|
DSPIC33FJ32MC202IMM DSPIC33FJ32MC202IML DSPIC33FJ6 |
16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG 16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Motor Control PWM and Advanced Analog 16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
|
Microchip Technology
|
|